Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download 1N4745AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N47xxAG Series
Elektronische Bauelemente VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
DO-41G (glass)
FEATURES
Zener Voltage Range 3.3 to 56 Volts Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable Solder Hot Dip Tin (Sn) Lead Finish Cathode Indicated By Polarity Band
O 2.375
0.335
55.4 (min.)
4.635
0.565
O 0.790
Dimensions in mm
0.070
ABSOLUTE MAXIMUM RATINGS (Rating 25C ambient temperature unless otherwise specified)
Parameter
Forward Voltage @ IF = 200 mA for all types Total Device Power Dissipation Thermal Resistance Junction to Lead Thermal Resistance Junction to Ambient Max. Junction Operating & Storage Temperature
SYMBOL
VF PD RJL RJA TOPR(max.),TJ
VALUES
1.2 1.0 53.5 100 +200, -65~+200
UNITS
V W /W /W
ELECTRICAL CHARACTERISTICS (Rating 25C ambient temperature unless otherwise specified)
Type Number
1N4728AG 1N4729AG 1N4730AG 1N4731AG 1N4732AG 1N4733AG 1N4734AG 1N4735AG 1N4736AG 1N4737AG 1N4738AG 1N4739AG 1N4740AG 1N4741AG 1N4742AG 1N4743AG 1N4744AG 1N4745AG 1N4746AG 1N4747AG 1N4748AG 1N4749AG 1N4750AG 1N4751AG 1N4752AG 1N4753AG 1N4754AG 1N4755AG 1N4756AG 1N4757AG 1N4758AG 01-June-2002 Rev. A
Zener Voltage
VZ (V) Nominal 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 36.0 39.0 43.0 47.0 51.0 56.0 IZ (mA) 76.0 69.0 64.0 58.0 53.0 49.0 45.0 41.0 37.0 34.0 31.0 28.0 25.0 23.0 21.0 19.0 17.0 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 ZZT () @ IZT Max 10 10 9 9 8 7 5 2 3.5 4 4.5 5 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 ZZK () @ IZK (mA) Max 400 1.00 400 1.00 400 1.00 400 1.00 500 1.00 550 1.00 600 1.00 700 1.00 700 1.00 700 0.50 700 0.50 700 0.50 700 0.25 700 0.25 700 0.25 700 0.25 700 0.25 700 0.25 700 0.25 750 0.25 750 0.25 750 0.25 750 0.25 1000 0.25 1000 0.25 1000 0.25 1000 0.25 1500 0.25 1500 0.25 1500 0.25 2000 0.25
Reverse Current
IR (uA) @ VR (V) Max 100 1.0 100 1.0 50 1.0 10 1.0 10 1.0 10 1.0 10 2.0 10 3.0 10 4.0 10 5.0 10 6.0 10 7.0 10 7.6 5 8.4 5 9.1 5 9.9 5 11.4 5 12.2 5 13.7 5 15.2 5 16.7 5 18.2 5 20.6 5 22.8 5 25.1 5 27.4 5 29.7 5 32.7 5 35.8 5 38.8 5 42.6 Page 1 of 2
1N47xxAG Series
Elektronische Bauelemente VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
Notes:
1. Tolerance and type number designation (VZ): The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials available include: Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest SeCoS representative. 3. Zener voltage (VZ) measurement: The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. Zener impedance (ZZ) derivation: The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
01-June-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1N4745AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X